Part Number Hot Search : 
Z1000 H5502K APTGT5 30211506 BC547B ER806 70430 RCM2090R
Product Description
Full Text Search
 

To Download APT3216SURC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2mm x1.6mm SMD CHIP LED LAMP
APT3216SURC
HYPER RED
Features
3.2mmx1.6mm SMT LED, 0.75mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. RoHS COMPLIANT.
Description
The Hyper Red source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0988 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 1 OF 4 ERP:1203001978
Selection Guide
Iv (mcd) @ 20mA Min. APT3216SURC HYPER RED (InGaAlP) WATER CLEAR 70 Typ. 200 Viewing Angle 21/2 120
Part No.
Dice
Lens Type
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Symbol peak D 1/2 C VF IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Hyper Red Typ. 640 628 27 45 1.9 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Hyper Red 170 30 185 5 -40C To +85C
Units mW mA mA V
SPEC NO: DSAD0988 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 2 OF 4 ERP:1203001978
Hyper Red
APT3216SURC
SPEC NO: DSAD0988 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 3 OF 4 ERP:1203001978
APT3216SURC
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0988 APPROVED: J. Lu
REV NO: V.4 CHECKED: Allen Liu
DATE: FEB/28/2005 DRAWN: Y.W.WANG
PAGE: 4 OF 4 ERP:1203001978


▲Up To Search▲   

 
Price & Availability of APT3216SURC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X